|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Hercules Encoders Specifications Mechanical Standard Shaft Size (Dia.) Shaft Extension(s) Shaft Seals Mounting Bearings Radial Loading Axial Loading Mechanical Angle Rotational Life Standard Gear Ratio Housing Weight Connector .3747" 0.80" with .50x.05" flat Neoprene or PTFE Options Refer to dimensional drawings 3/8" ID, ABEC 5P Shielded 30 lbs. Operating 15 lbs. Operating Continuous 10,000,000 Cycles Typical 1:1 (Others available) Black Anodized Aluminum Standard: 24 oz., Sealed: 34 oz. 3, 6 Pin MS3102 or 18" Cable Out Series 7000 Industrial Potentiometer * Enclosure: 3" Cube * NEMA 12/13 or NEMA 4 type Sealing * Flush or Flange Base * Double Shielded ABEC 5 Ball Bearings, Internal mount provides higher level of reliability * Steel Gear Drive protects against Shock and Vibration * 1:1 Standard Ratio, Others available * 1K, 5K, 10K Ohm 1W Pots, Continuous Mechanical Rotation * Ideal for Dancer Applications * Limit Switches Option - Rated at 5 amp - 115VAC standard Gold Crosspoint Contacts Standard * Operating Temperature Rating: -55 to +105 C (-67 to +221 F) for harsh industrial environments Electrical Power Rating at 40 C Dielectric Strength Resistance Element Standard Resistance Values Resistance Tolerance Electrical Angle Wiper Assembly Independent Linearity Resolution 1 Watt 500 Vac Conductive Plastic 1K, 5K, 10K Ohm 10% 320 5 Precious Metal 1% Essentially Environmental Operating Temp. Temperature Coefficient Vibration Humidity Enclosures (Sealed) (Standard) -55 to +105 C 400 ppm/ C 10 to 2000 Hertz at 15 g's 100% Relative Humidity NEMA 4 type - Watertight NEMA 12/13 equiv. -- Dust-, Oil-Tight 10 Hercules For the latest specifications visit our website www.herculesencoders.com Dimensional Drawings Series 7000 Standard Wire Drawings Series 7000 Standard Ordering Information 73 Shaft Extension 1=Single 2=Double Mounting Type 1=10-32 BHC on shaft ends and base 2=Flanged base (BHC on shaft ends) Housing Type Blank=Standard Housing S=Sealed (Elastomer) T=Sealed (PTFE) Pot Resistance 1K=1K OHM, 1 Watt 5K=5K OHM, 1 Watt 10K=10K OHM, 1Watt X=Customer Specified Gear Ratio Blank=1:1 (Standard) X=Customer Specified (Consult Factory) 1 2 _ -- 1K -- XXXX -- C -- SW1 Limit Switches SW1=One Adjustable Limit Switch SW2=Two Adjustable Limit Switches Connector Blank=MS 3-Pin (Standard) 6=MS 6 Pin C=Cable Out *Gear ratio is available to 1:4.57, i.e., 70 1 = full pot travel Engineering assistance is available for determining requirements. Gear ratio= external shaft rotation: internal potentiometer shaft rotation. Hercules Series 7000 11 |
Price & Availability of 7321-1K-XXXX-SW1 |